PART |
Description |
Maker |
LTC1446L LTC1446 LTC1446LIS8 LTC1446LCS8 LTC1446IS |
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8 From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC1446CN8 LTC1446CS8 |
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
|
Linear Technology
|
MAX519BCSET |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs DUAL, SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|
PLQ16L8-5A PLQ16L8-5N PLQ16R4-5A PLQ16R8-5A PLQ16R |
Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Fuse-Programmable PLD 保险丝,可编程的PLD
|
NIC Components, Corp.
|
LTC1655L LTC1655LCS8PBF LTC1655LIS8PBF |
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package(16微功耗满幅度电压输出数模转换SO-8封装,内部基准1.25V)) 16位轨至轨微数模转换器采用SO - 8封装6位,微功耗满幅度电压输出数模转换器(以SO - 8封装.25V的内部基准) 16-Bit Rail-to-Rail Micropower DACs in SO-8 Package; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO8 16-Bit Rail-to-Rail Micropower DACs in SO-8 Package; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO8
|
Linear Technology, Corp.
|
LTC2611 LTC2621 LTC2601 LTC2611IDD LTC2621IDD LTC2 |
18-Bit Universal Bus Driver With 3-State Outputs 56-TSSOP -40 to 85 16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
|
Linear Technology Corporation
|
5962F9582301VYC 5962F9582301VXC 5962F9582301QYC 59 |
x8 SRAM 2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs x8的SRAM
|
Advanced Analogic Technologies, Inc.
|
LTC2656CIUFD-L16TRPBF |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC1450LCGTRPBF |
Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
|
Linear Technology
|
LTC2619 LTC2629 LTC2609 LTC2619CGN LTC2619CGN-1 LT |
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
|
LINER[Linear Technology]
|
LTC2605CGN-1 LTC2605IGN-1 LTC2615CGN-1 LTC2615IGN- |
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
Linear Technology Corporation
|
LTC1655LIN8PBF |
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
|
Linear Technology
|